Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Note
Description  Small Signal Zener Diodes, Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Note Datasheet(HTML) 1 Page - Vishay Siliconix

  Note Datasheet HTML 1Page - Vishay Siliconix Note Datasheet HTML 2Page - Vishay Siliconix Note Datasheet HTML 3Page - Vishay Siliconix Note Datasheet HTML 4Page - Vishay Siliconix Note Datasheet HTML 5Page - Vishay Siliconix Note Datasheet HTML 6Page - Vishay Siliconix Note Datasheet HTML 7Page - Vishay Siliconix Note Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AZ23-V-G-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 31-Aug-11
1
Document Number: 85867
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes, Dual
FEATURES
• Dual silicon planar Zener diodes, common
anode
• The Zener voltages are graded according to the
international E 24 standard
• The parameters are valid for both diodes in one
case.
V
Z and Rzj of the two diodes in one case
is
 5 %
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
Note
** Please see document “Vishay Material Category Policy”:
www.vishay.com/doc?99902
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.7 to 51
V
Test current IZT
5mA
VZ specification
Pulse current
Int. construction
Dual
20456
2
3
1
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
AZ23-V-G-series
AZ23-V-G-series-18
10 000 (8 mm tape on 13" reel)
10 000
AZ23-V-G-series
AZ23-V-G-series-08
3000 (8 mm tape on 7" reel)
15 000
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
SOT-23
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Device on fiberglass substrate,
see layout on page 6
Ptot
300
mW
Junction to ambient air
Device on fiberglass substrate,
see layout on page 6
RthJA
420
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Zener current
IZ
Ptot/VZ
mA


Similar Part No. - Note

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
Note: SOCAY-Note: Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Vishay Siliconix
Notes VISHAY-Notes Datasheet
77Kb / 4P
Small Signal Zener Diodes
16-Sep-11
logo
Hammond Manufacturing L...
NOTES: HAMMOND-NOTES: Datasheet
395Kb / 2P
P.C. BOARD MOUNT AUDIO TRANSFORMERS
More results

Similar Description - Note

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23-V VISHAY-DZ23-V Datasheet
119Kb / 8P
Small Signal Zener Diodes, Dual
02-Feb-12
AZ23C4V7-V-GS08 VISHAY-AZ23C4V7-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
AZ23C5V6-V-GS08 VISHAY-AZ23C5V6-V-GS08 Datasheet
112Kb / 8P
Small Signal Zener Diodes, Dual
22-Nov-11
AZ23C12-V-GS08 VISHAY-AZ23C12-V-GS08 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
08-Feb-13
MMBZ15VDC VISHAY-MMBZ15VDC Datasheet
74Kb / 4P
Small Signal Zener Diodes, Dual
08-Jul-04
DZ23 VISHAY-DZ23 Datasheet
120Kb / 7P
Small Signal Zener Diodes, Dual
08-Nov-16
MMBZ27VDA-G VISHAY-MMBZ27VDA-G Datasheet
91Kb / 4P
Small Signal Zener Diodes, Dual
04-Mar-13
AZ23 VISHAY-AZ23_V01 Datasheet
135Kb / 8P
Small Signal Zener Diodes, Dual
27-Feb-18
AZ23-G VISHAY-AZ23-G_V01 Datasheet
122Kb / 8P
Small Signal Zener Diodes, Dual
11-Dec-2019
DZ23-G VISHAY-DZ23-G_V01 Datasheet
132Kb / 8P
Small Signal Zener Diodes, Dual
13-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com