Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTS2002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTS2002
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTS2002_11 Datasheet HTML 4Page - STMicroelectronics STTS2002_11 Datasheet HTML 5Page - STMicroelectronics STTS2002_11 Datasheet HTML 6Page - STMicroelectronics STTS2002_11 Datasheet HTML 7Page - STMicroelectronics STTS2002_11 Datasheet HTML 8Page - STMicroelectronics STTS2002_11 Datasheet HTML 9Page - STMicroelectronics STTS2002_11 Datasheet HTML 10Page - STMicroelectronics STTS2002_11 Datasheet HTML 11Page - STMicroelectronics STTS2002_11 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Serial communications
STTS2002
8/52
Doc ID 15389 Rev 5
Figure 1.
Logic diagram
1.
SDA and EVENT are open drain.
Note:
See Section 2.2: Pin descriptions on page 10 for details.
Figure 2.
TDFN8 connections (top view)
1.
SDA and EVENT are open drain.
Table 1.
Signal names
Pin
Symbol
Description
Direction
1
A0
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
2
A1
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
3
A2
Serial bus address selection pin. Can be tied to VSS or VDD.
Input
4VSS
Supply ground
5SDA(1)
1.
SDA and EVENT are open drain.
Serial data
Input/output
6
SCL
Serial clock
Input
7
EVENT(1)
Event output pin. Open drain and active-low.
Output
8VDD
Supply power (2.3 V to 3.6 V)
AI12261
SDA(1)
VDD
STTS2002
VSS
SCL
EVENT(1)
A 2
A 1
A 0
1
SDA(1)
GND
SCL
EVENT(1)
A1
A0
VDD
A2
AI12262
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com