Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5260BWS Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5260BWS
Description  200mW , SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5260BWS Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5260BWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5260BWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5260BWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5260BWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MTSZ52xxBWS Series
200mW , SOD-323L
Surface Mount Zener Diodes
Elektronische Bauelemente
6-Jan-2012 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Type Number
Marking
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5251BWS
Z22V
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MTSZ5252BWS
Z24V
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MTSZ5253BWS
Z25V
23.75
25
26.25
5
35
600
0.25
0.1
19
MTSZ5254BWS
Z27V
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MTSZ5255BWS
Z28V
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MTSZ5256BWS
Z30V
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MTSZ5257BWS
Z33V
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MTSZ5258BWS
Z36V
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MTSZ5259BWS
Z39V
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MTSZ5260BWS
Z43V
40.85
43
45.15
3
93
900
0.25
0.1
33
MTSZ5261BWS
Z47V
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MTSZ5262BWS
Z51V
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MTSZ5263BWS
Z56V
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MTSZ5264BWS
Z60V
5700
60
63.00
2.1
170
1400
0.25
0.1
46
MTSZ5265BWS
Z62V
58.90
62
65.10
2
185
1400
0.25
0.1
47
MTSZ5266BWS
Z68V
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MTSZ5267BWS
Z75V
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
Notes:
1. The zener voltage (VZ) is tested under pulse condition of 1mS.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com