Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5261CWS Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5261CWS
Description  200mW, SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5261CWS Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5261CWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5261CWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5261CWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5261CWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxCWS Series
200mW, SOD-323L
Surface Mount Zener Diodes
6-Jan-2012 Rev. A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5259CWS
259C
38.22
39
39.78
3.2
80
800
0.25
0.1
30
MTSZ5260CWS
260C
42.14
43
43.86
3
93
900
0.25
0.1
33
MTSZ5261CWS
261C
46.06
47
47.94
2.7
105
1000
0.25
0.1
36
MTSZ5262CWS
262C
49.98
51
52.02
2.5
125
1100
0.25
0.1
39
MTSZ5263CWS
263C
54.88
56
57.12
2.2
150
1300
0.25
0.1
43
MTSZ5264CWS
264C
58.8
60
61.2
2.1
170
1400
0.25
0.1
46
MTSZ5265CWS
265C
60.76
62
63.24
2
185
1400
0.25
0.1
47
MTSZ5266CWS
266C
66.64
68
69.36
1.8
230
1600
0.25
0.1
52
MTSZ5267CWS
267C
73.5
75
76.5
1.7
270
1700
0.25
0.1
56
Notes:
1. The zener voltage (VZ) is tested under pulse condition of 1mS.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com