Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5253BWS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5253BWS
Description  200mW , SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5253BWS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5253BWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5253BWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5253BWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5253BWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTSZ52xxBWS Series
200mW , SOD-323L
Surface Mount Zener Diodes
Elektronische Bauelemente
6-Jan-2012 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of
“-C” specifies halogen & lead-free
FEATURES
Wide Zener Voltage Range Selection, 3.0V to 75V
VZ Tolerance Selection of ±5%
Flat Lead SOD-323L Small Outline Plastic Package
Surface Device Type Mounting
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323L
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
200
mW
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
SOD-323L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.30
2.70
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.10
F
0.05
0.25


Similar Part No. - MTSZ5253BWS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MTSZ5253BW SECOS-MTSZ5253BW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
More results

Similar Description - MTSZ5253BWS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
MTSZ52XXCWS SECOS-MTSZ52XXCWS Datasheet
559Kb / 4P
200mW, SOD-323L Surface Mount Zener Diodes
logo
WILLAS ELECTRONIC CORP
BZT52-C2V4S WILLAS-BZT52-C2V4S Datasheet
303Kb / 3P
200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
200mW SOD-523 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
SUNMATE electronic Co.,...
MM3Z2V0 SUNMATE-MM3Z2V0 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
MM5Z2V4 SUNMATE-MM5Z2V4 Datasheet
287Kb / 2P
200mW Surface Mount Zener Diodes
logo
Leshan Radio Company
LSTZ5.6NLT1G LRC-LSTZ5.6NLT1G Datasheet
305Kb / 3P
200mW SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com