Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSZ5253CWS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MTSZ5253CWS
Description  200mW, SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5253CWS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5253CWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5253CWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5253CWS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5253CWS Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxCWS Series
200mW, SOD-323L
Surface Mount Zener Diodes
6-Jan-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5229CWS
229C
4.214
4.3
4.386
20
22
2000
0.25
5
1
MTSZ5230CWS
230C
4.606
4.7
4.794
20
19
1900
0.25
5
2
MTSZ5231CWS
231C
4.998
5.1
5.202
20
17
1600
0.25
5
2
MTSZ5232CWS
232C
5.488
5.6
5.712
20
11
1600
0.25
5
3
MTSZ5233CWS
233C
5.88
6
6.12
20
7
1600
0.25
5
3.5
MTSZ5234CWS
234C
6.076
6.2
6.324
20
7
1000
0.25
5
4
MTSZ5235CWS
235C
6.664
6.8
6.936
20
5
750
0.25
3
5
MTSZ5236CWS
236C
7.35
7.5
7.65
20
6
500
0.25
3
6
MTSZ5237CWS
237C
8.036
8.2
8.364
20
8
500
0.25
3
6.5
MTSZ5238CWS
238C
8.526
8.7
8.874
20
8
600
0.25
3
6.5
MTSZ5239CWS
239C
8.918
9.1
9.282
20
10
600
0.25
3
7
MTSZ5240CWS
240C
9.8
10
10.2
20
17
600
0.25
3
8
MTSZ5241CWS
241C
10.78
11
11.22
20
22
600
0.25
2
8.4
MTSZ5242CWS
242C
11.76
12
12.24
20
30
600
0.25
1
9.1
MTSZ5243CWS
243C
12.74
13
13.26
9.5
13
600
0.25
0.5
9.9
MTSZ5244CWS
244C
13.72
14
14.28
9
15
600
0.25
0.1
10
MTSZ5245CWS
245C
14.7
15
15.3
8.5
16
600
0.25
0.1
11
MTSZ5246CWS
246C
15.68
16
16.32
7.8
17
600
0.25
0.1
12
MTSZ5247CWS
247C
16.66
17
17.34
7.4
19
600
0.25
0.1
13
MTSZ5248CWS
248C
17.64
18
18.36
7
21
600
0.25
0.1
14
MTSZ5249CWS
249C
18.62
19
19.38
6.6
23
600
0.25
0.1
14
MTSZ5250CWS
250C
19.6
20
20.4
6.2
25
600
0.25
0.1
15
MTSZ5251CWS
251C
21.56
22
22.44
5.6
29
600
0.25
0.1
17
MTSZ5252CWS
252C
23.52
24
24.48
5.2
33
600
0.25
0.1
18
MTSZ5253CWS
253C
24.5
25
25.5
5
35
600
0.25
0.1
19
MTSZ5254CWS
254C
26.46
27
27.54
4.6
41
600
0.25
0.1
21
MTSZ5255CWS
255C
27.44
28
28.56
4.5
44
600
0.25
0.1
21
MTSZ5256CWS
256C
29.4
30
30.6
4.2
49
600
0.25
0.1
23
MTSZ5257CWS
257C
32.34
33
33.66
3.8
58
700
0.25
0.1
25
MTSZ5258CWS
258C
35.28
36
36.72
3.4
70
700
0.25
0.1
27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com