Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z30VCW Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MM3Z30VCW
Description  200mW, SOD-323L Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MM3Z30VCW Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MM3Z30VCW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MM3Z30VCW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MM3Z30VCW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MM3Z30VCW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MM3ZxxxCW Series
200mW, SOD-323L
Surface Mount Zener Diodes
6-Jan-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, VF=1V Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT ZZK@IZK
IZK
IR@VR
Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MM3Z2V4CW
Z0
2.28
2.4
2.52
5
100
564
1
45
1
MM3Z2V7CW
Z1
2.57
2.7
2.84
5
100
564
1
18
1
MM3Z3V0CW
Z2
2.85
3
3.15
5
100
564
1
9
1
MM3Z3V3CW
Z3
3.14
3.3
3.47
5
95
564
1
4.5
1
MM3Z3V6CW
Z4
3.42
3.6
3.78
5
90
564
1
4.5
1
MM3Z3V9CW
Z5
3.71
3.9
4.1
5
90
564
1
2.7
1
MM3Z4V3CW
Z6
4.09
4.3
4.52
5
90
564
1
2.7
1
MM3Z4V7CW
Z7
4.47
4.7
4.94
5
80
470
1
2.7
2
MM3Z5V1CW
Z8
4.85
5.1
5.36
5
60
451
1
1.8
2
MM3Z5V6CW
Z9
5.32
5.6
5.88
5
40
376
1
0.9
2
MM3Z6V2CW
ZA
5.89
6.2
6.51
5
10
141
1
2.7
4
MM3Z6V8CW
ZB
6.46
6.8
7.14
5
15
75
1
1.8
4
MM3Z7V5CW
ZC
7.11
7.5
7.86
5
15
75
1
0.9
5
MM3Z8V2CW
ZD
7.79
8.2
8.61
5
15
75
1
0.63
5
MM3Z9V1CW
ZE
8.65
9.1
9.56
5
15
94
1
0.45
6
MM3Z10VCW
ZF
9.5
10
10.5
5
20
141
1
0.18
7
MM3Z11VCW
ZG
10.45
11
11.55
5
20
141
1
0.09
8
MM3Z12VCW
ZH
11.4
12
12.6
5
25
141
1
0.09
8
MM3Z13VCW
ZJ
12.35
13
13.65
5
30
160
1
0.09
8
MM3Z15VCW
ZK
14.25
15
15.75
5
30
188
1
0.045
10.5
MM3Z16VCW
ZL
15.2
16
16.8
5
40
188
1
0.045
11.2
MM3Z18VCW
ZM
17.1
18
18.9
5
45
212
1
0.045
12.6
MM3Z20VCW
ZN
19
20
21
5
55
212
1
0.045
14
MM3Z22VCW
ZP
20.9
22
23.1
5
55
235
1
0.045
15.4
MM3Z24VCW
ZR
22.8
24
25.2
5
70
235
1
0.045
16.8
MM3Z27VCW
ZS
25.65
27
28.35
2
80
282
0.5
0.045
18.9
MM3Z30VCW
ZT
28.5
30
31.5
2
80
282
0.5
0.045
21
MM3Z33VCW
ZU
31.35
33
34.65
2
80
306
0.5
0.045
23
MM3Z36VCW
ZV
34.2
36
37.8
2
90
329
0.5
0.045
25.2
MM3Z39VCW
ZW
37.05
39
40.95
2
130
329
0.5
0.045
27.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com