| Electronic Components Datasheet Search |
|
LSM330DL Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM330DL Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 54 page ![]() LSM330DL Digital interfaces Doc ID 022018 Rev 1 21/54 5 Digital interfaces The registers embedded inside the LSM330DL may be accessed through both the I2C and SPI serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire interface mode. To select/exploit the I2C interface, the CS line must be tied high (i.e. connected to Vdd_IO). 5.1 I2C serial interface The LSM330DL I2C is a bus slave. The I2C is employed to write data into the registers whose content can also be read back. The relevant I2C terminology is given in the table below. There are two signals associated with the I2C bus: the serial clock line (SCL) and the serial data line (SDA). The latter is a bidirectional line used for sending and receiving the data to/from the interface. Table 10. Serial interface pin description Pin name Pin description CS_A Linear acceleration SPI enable Linear acceleration I2C/SPI mode selection (1: I2C mode; 0: SPI enabled) CS_G Angular rate SPI enable Angular rate I2C/SPI mode selection (1: I2C mode; 0: SPI enabled) SCL_A SCL_G I2C serial clock (SCL) SPI serial port clock (SPC) SDA/SDI_A SDA/SDI_G I2C serial data (SDA) SPI serial data input (SDI) 3-wire interface serial data output (SDO) SDO_A SDO_G I2C least significant bit of the device address (SA0) SPI serial data output (SDO) Table 11. Serial interface terminology Term Description Transmitter The device which sends data to the bus Receiver The device which receives data from the bus Master The device which initiates a transfer, generates clock signals and terminates a transfer Slave The device addressed by the master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |