| Electronic Components Datasheet Search |
|
SSL21081T Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL21081T Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 24 page ![]() SSL21081T_2T_3T_4T All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 2 — 6 December 2011 10 of 24 NXP Semiconductors SSL21081T/2T/3T/4T GreenChip drivers for LED lighting • If the low-level Vdeact(tmr)NTC is reached within the time tto(deact)NTC, Figure 6 (1) it is assumed that the pin is pulled down externally. The restart function is not triggered. Instead, the output current is reduced to zero. PWM dimming can be implemented this way. The output current rises again when the voltage is higher than Vdeact(tmr)NTC. 8.8.1 Soft-start function The NTC pin can be used to make a soft start function. During switch-on, the level on the NTC pin is low. By connecting a capacitor (in parallel with the NTC resistor), a time constant can be defined. The time constant causes the level on the NTC pin to increase slowly. When passing level Vth(low)NTC Figure 6 (3), the convertor starts with half of the maximum current. The output current slowly increases to maximum when Vth(high)NTC Figure 6 (4) is reached. 8.9 Heat sink For SSL2108X (SO12) applications, the copper of the PCB acts as the heat sink. The SSL2108X (SO12) uses thermal leads (pins 2, 6, 10 and 11) for enhanced heat transfer from die to the PCB copper heat sink. The thermal lead connection can drastically reduce thermal resistance. Equation 1 shows the relation between the maximum allowable power dissipation P and the thermal resistance from junction to ambient. (1) Where: Rth(j-a) = thermal resistance from junction to ambient Tj(max) = maximum junction temperature Tamb = ambient temperature P = power dissipation R th j a – T jmax T amb – P = |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |