Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUH715AF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUH715AF
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUH715AF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUH715AF Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUH715AF Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUH715AF Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUH715AF
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA ;IB=0
700
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA ;IC=0
10
V
VCEsat
Collector-emitter saturation voltage
IC=7A ;IB=1.5A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=7A ;IB=1.5A
1.3
V
ICES
Collector cut-off current
VCE=1500V; VBE=0
Tj=125℃
1
2
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
μA
hFE-1
DC current gain
IC=1A ; VCE=5V
10
hFE-2
DC current gain
IC=7A ; VCE=5V
8
16
Switching times
ts
Storage time
2.1
3.1
μs
tf
Fall time
IC=7A;IB1=1.5A;IB2=3.5A;
VCC=400V
140
210
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com