Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDY71 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDY71
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDY71 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDY71 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDY71 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY71
DESCRIPTION
·Continuous Collector Current-IC= 4A
·Collector Power Dissipation-
: PC= 29W @TC= 25℃
APPLICATIONS
·Designed for general purpose switching and amplifier
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
90
V
VCEX
Collector-Emitter Voltage VBE= -1.5V
90
V
VCER
Collector-Emitter Voltage RBE= 100Ω
60
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
4
A
IB
B
Base Current-Continuous
2
A
PC
Collector Power Dissipation@TC=25℃
29
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
6.0
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDY71

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BDY71 SEME-LAB-BDY71 Datasheet
11Kb / 1P
Bipolar NPN Device
logo
New Jersey Semi-Conduct...
BDY71 NJSEMI-BDY71 Datasheet
74Kb / 2P
Silicon NPN Power Transistor
logo
Seme LAB
BDY71X SEME-LAB-BDY71X Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66
logo
Inchange Semiconductor ...
BDY71X ISC-BDY71X Datasheet
187Kb / 2P
isc Silicon NPN Power Transistor
logo
TT Electronics.
BDY71X TTELEC-BDY71X Datasheet
85Kb / 3P
SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results

Similar Description - BDY71

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com