Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDY44 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDY44
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDY44 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDY44 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDY44 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY44
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 200mA; IB= 0
350
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
750
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 2mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1.5A
B
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 1.5A
B
2.0
V
ICBO
Collector Cutoff Current
VCB= 750V; IE= 0
VCB= 750V; IE= 0, TC=150℃
0.2
2.0
mA
hFE-1
DC Current Gain
IC= 1A; VCE= 2V
20
hFE-2
DC Current Gain
IC= 5A; VCE= 2V
5
fT
Current Gain-Bandwidth Product
IC= 0.5A; VCE= 10V
10
MHz
Switching times
ton
Turn-on Time
0.5
μs
tf
Fall Time
1.0
μs
toff
Turn-off Time
IC= 2.5A; IB1= -IB2= 0.5A
4.0
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com