Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD437 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD437
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD437 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD437 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD437 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD437 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
BD433/435/437
DESCRIPTION
・With TO-126 package
・Complement to type BD434/436/438
APPLICATIONS
・For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD433
22
BD435
32
VCBO
Collector-base voltage
BD437
Open emitter
45
V
BD433
22
BD435
32
VCEO
Collector-emitter voltage
BD437
Open base
45
V
VEBO
Emitter -base voltage
Open collector
5
V
IC
Collector current (DC)
4
A
ICM
Collector current-Peak
7
A
IB
Base current
1
A
PC
Collector power dissipation
TC=25℃
36
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Similar Part No. - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
Plastic Medium Power Silicon NPN Transistor
logo
STMicroelectronics
BD437 STMICROELECTRONICS-BD437 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD437 SIEMENS-BD437 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD437 FAIRCHILD-BD437 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
Micro Electronics
BD437 MICRO-ELECTRONICS-BD437 Datasheet
67Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - BD437

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com