Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1495 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1495
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1495 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1495 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1495 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD1495
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; RBE= ∞
600
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 10mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3.5A; IB= 1A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3.5A; IB= 1A
1.5
V
ICBO
Collector Cutoff Current
VCB= 600V; IE= 0
10
μA
hFE
DC Current Gain
IC= 1A; VCE= 5V
6
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com