Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1971 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC1971
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1971 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC1971 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1971 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC1971
isc Website:www.iscsemi.cn
DESCRIPTION
·High Power Gain-
: Gpe≥ 10dB,f= 175MHz, PO= 6W; VCC= 13.5V
·High Reliability
APPLICATIONS
·Designed for RF power amplifiers on VHF band mobile radio
applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage RBE= ∞
17
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current
2
A
Collector Power Dissipation
@TC=25℃
12.5
PC
Collector Power Dissipation
@Ta=25℃
1.5
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-a
Thermal Resistance,Junction to Ambient
83
℃/W
Rth j-c
Thermal Resistance,Junction to Case
10
℃/W


Similar Part No. - 2SC1971

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC1971 MITSUBISHI-2SC1971 Datasheet
127Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
logo
Advanced Semiconductor
2SC1971 ASI-2SC1971 Datasheet
63Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2SC1971 NJSEMI-2SC1971 Datasheet
153Kb / 1P
silicon NPN epitaxial planar type transistor designed for RF power amplifiers on VHF band mobile radio
logo
eleflow technologies co...
2SC1971 ELEFLOW-2SC1971 Datasheet
269Kb / 3P
4 to 5 watts output power amplifiers in VHF band applications.
logo
Mitsubishi Electric Sem...
2SC1971-01 MITSUBISHI-2SC1971-01 Datasheet
127Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
More results

Similar Description - 2SC1971

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com