Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B40-1F30-FKB Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # B40-1F30-FKB
Description  Liquid Level Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-1F30-FKB Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button B40-1F30-FKB Datasheet HTML 3Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 4Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 5Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 6Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 7Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 8Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 9Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 10Page - Magnetrol International, Inc. B40-1F30-FKB Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
4. Replace switch housing cover and place control into service.
If control has been furnished with NEMA 7/9 explosion
proof (cast) or NEMA 4 moisture proof (gasketed) switch
housing, check the following:
1. After wiring connections have been completed, housings
must be sealed at the conduit outlet with a suitable com-
pound to prevent entrance of air.
2. Check cover to base fit to be certain gasketed joint is tight.
A positive seal is necessary to prevent infiltration of mois-
ture laden air or corrosive gases into switch housings.
3.0
Preventive Maintenance
Periodic inspections are a necessary means to keep your
Magnetrol level control in good working order. This control
is a safety device to protect the valuable equipment it serves.
A systematic program of preventive maintenance must be
implemented when the control is placed into service. If
the following is observed, your control will provide reliable
protection of your capital equipment for many years.
3.1
What to do
3.1.1 Keep control clean
Be sure the switch housing cover is always in place on the
control. This cover is designed to keep dust and dirt from
interfering with switch mechanism operation. In addition,
it protects against damaging moisture, and acts as a safety
feature by keeping bare wires and terminals from being
exposed. Should the housing cover or any seals become
damaged or misplaced, obtain a replacement immediately.
3.1.2 Inspect switch mechanisms, terminals, and
connections monthly
a. Mercury switches may be visually inspected for short circuit
damage. Check for small cracks in the glass tube containing
the mercury. Such cracks can allow entrance of air into the
tube causing the mercury to oxidize. This is noticeable as
the mercury will appear dirty or dull, and will not break
into clean, round pools. If these conditions exist, replace the
mercury switch immediately.
b. Dry contact switches should be inspected for excessive wear
on actuating lever or misalignment of adjustment screw at
point of contact between screw and lever. Such wear can
cause false switch actuating levels. Replace switch mecha-
nism if wear or misalignment are apparent.
7
46-602 B40 Liquid Level Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com