Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA614 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SA614
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA614 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SA614 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA614 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA614
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -55V (Min.)
·Collector-Emitter Saturation Voltage-
: VCE(sat)= -0.5V (Max.)@ IC= -1A
·Collector Power Dissipation-
: PC= 25W@ TC= 25℃
APPLICATIONS
·Designed for medium power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-55
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-3
A
PC
Collector Power Dissipation
25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SA614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA603 ETC-2SA603 Datasheet
49Kb / 1P
PNP SILICON EPITAXIAL TRANSISTOR
2SA606 ETC-2SA606 Datasheet
69Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA607 ETC-2SA607 Datasheet
69Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
Sanyo Semicon Device
2SA608 SANYO-2SA608 Datasheet
40Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
2SA608 SANYO-2SA608 Datasheet
278Kb / 3P
GENERAL PURPOSE AMP, SWITCHING APPLICATIONS
More results

Similar Description - 2SA614

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com