Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6293 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6293
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6293 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6293 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6293 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6293 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6291 2N6293
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6291
50
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6293
IC=0.1A ;IB=0
70
V
2N6291
IC=2.5A;IB=0.25A
VCEsat-1
Collector-emitter
saturation voltage
2N6293
IC=2A;IB=0.2A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=7A;IB=3A
3.5
V
2N6291
IC=2.5A ; VCE=4V
VBE-1
Base-emitter
on voltage
2N6293
IC=2A ; VCE=4V
1.5
V
VBE-2
Base-emitter on voltage
IC=7A ; VCE=4V
3.0
V
2N6291
VCE=40V; IB=0
ICEO
Collector
cut-off current
2N6293
VCE=60V; IB=0
1.0
mA
2N6291
VCE=56V; VBE=-1.5V
VCE=50V; BE=-1.5V,TC=150℃
0.1
2.0
ICEX
Collector
cut-off current
2N6293
VCE=75V; VBE=-1.5V
VCE=70V; BE=-1.5V,TC=150℃
0.1
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
2N6291
IC=2.5A ; VCE=4V
hFE-1
DC current gain
2N6293
IC=2A ; VCE=4V
30
150
hFE-2
DC current gain
IC=7A ; VCE=4V
2.3
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
250
pF
fT
Transition frequency
IC=0.5A ; VCE=4V;f=1MHz
10
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com