Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

804-R010-230 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 804-R010-230
Description  Kotron짰 Sentinel Model 804 RF Level Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-230 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  804-R010-230 Datasheet HTML 1Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 2Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 3Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 4Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
D E S C R I P T I O N
The Sentinel is a unique, powerful level transmitter. The
leading-edge microprocessor-based circuitry has non-
volatile memory. The display and keypad simplify
calibration and setup of the instrument. Powerful diag-
nostics check all functions of the system, simplifying
troubleshooting. MagneCal™ offers the user the greatest
improvement in RF Capacitance—one small level change
is needed to calibrate.
F E A T U R E S
Two or four SPDT relays with gold flash contacts for
alarm and control operation.
Optional intrinsically safe probe circuitry (with
on-board barriers).
16-button keypad and 2
× 16 LCD display.
Isolated 4–20 mA output includes an active/passive
mode.
Relays can be configured for sequential or lead/lag
pump control.
One small level change (2% of span) needed for initial
probe calibration.
4–20 mA and up to eight control points can be pro-
grammed with no level change.
Powerful self-diagnostics check the system, including
probe.
Relay #1 can be dedicated as a diagnostics relay.
A P P L I C A T I O N S
Continuous level measurement
Interface measurement
Hydrocarbons and solvents
Slurries
Acids
High temperature/pressure liquids
Kotron
® Sentinel
Model 804
RF Level Transmitter


Similar Part No. - 804-R010-230

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
Kotron짰 Sentinel II Model 804 RF Level Transmitter
More results

Similar Description - 804-R010-230

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
Kotron짰 Model 82 CE RF Level Transmitter
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
Kotron짰 Sentinel II Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
Kotron짰 Model 805 Smart RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
Kotron짰 Model 810 RF Point Level Sensor
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
Kotron짰 Model 810 RF Point Level Switch
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
Kotron짰 Model 811 RF Point Level Sensor
822-1000-C00 MAGNETROL-822-1000-C00 Datasheet
211Kb / 8P
Kotron짰 Sentinel Models 822, 832 and 842 RF Point Level Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com