Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CWS Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # SD103CWS
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

SD103CWS Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  SD103CWS Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CWS Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CWS Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd SD103CWS Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Number: DB-222
August 2010, Revision A
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Typical Characteristics
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature [
℃]
f = 1MHz
Ta = 25
℃
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
VR - Reverse Voltage [V]
Figure 2. Total Capacitance
Figure 1. Forward Current Derating Curve
Figure 3. Forward Characteristics
Figure 4. Forward Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com