Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

369LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 369LP3E
Description  SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

369LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  369LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 369LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 369LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 369LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 369LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 369LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
4
4 - 40
HMC369LP3 / 369LP3E
SMT GaAs HBT MMIC x2 ACTIVE
FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
v04.0210
General Description
Features
Functional Diagram
Output Power: +4 dBm
Sub-Harmonic Suppression: 30 dBc
SSB Phase Noise: -142 dBc/Hz
Single Supply: 5V@ 46 mA
16 Lead 3x3mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, Vcc= 5V
Typical Applications
Active Multiplier for X Band Applications:
• OC-192 Clock Recovery
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Test Instrumentation
The HMC369LP3 & HMC369LP3E are active miniature
x2 frequency multipliers utilizing InGaP GaAs HBT
technology in 3x3 mm leadless QFN surface mount
packages. Power output is +4 dBm typical from a
single +5V supply and varies little vs. input power,
temperature and supply voltage. Suppression of
undesired fundamental and sub-harmonics is 30
dBc typical with respect to output signal level. The
low additive SSB phase noise of -142 dBc/Hz at
100 kHz offset helps the user maintain good system
noise performance. The HMC369LP3(E) is ideal for
use in LO multiplier chains allowing reduced parts
count versus traditional approaches. The HMC-
369LP3(E) are also useful for OC-192 clock recovery.
The application of 10 GBPS data to the input gen-
erates a -7 dBm clock tone at the output with spurious
signals suppressed by 25 dB.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
4.95 - 5.3
5.3 - 6.35
GHz
Frequency Range, Output
9.9 - 10.6
10.6 - 12.7
GHz
Input Power Range
-5
+5
-5
+5
dBm
Output Power
-1
3
0
4
dBm
Sub-Harmonic Suppression
30
30
dBc
Input Return Loss
17
16
dB
Output Return Loss
5.5
6
dB
SSB Phase Noise (100 kHz Offset)
Pin= 0 dBm
-142
-142
dBc/Hz
Supply Current (Icc)
46
61
46
61
mA


Similar Part No. - 369LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
369LP3E HITTITE-369LP3E Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
More results

Similar Description - 369LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC369LP3 HITTITE-HMC369LP3 Datasheet
258Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4 Datasheet
248Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC369LP3 HITTITE-HMC369LP3_07 Datasheet
223Kb / 6P
SMT GaAs HBT MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 12.7 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_07 Datasheet
632Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_07 Datasheet
627Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC444LP4 HITTITE-HMC444LP4_10 Datasheet
250Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 HITTITE-HMC445LP4_10 Datasheet
252Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
logo
Analog Devices
HMC444LP4 AD-HMC444LP4 Datasheet
365Kb / 6P
SMT GaAs HBT MMIC x8 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.2 GHz OUTPUT
HMC445LP4 AD-HMC445LP4 Datasheet
368Kb / 6P
SMT GaAs HBT MMIC x16 ACTIVE FREQUENCY MULTIPLIER, 9.9 - 11.0 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com