Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX674ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX674ESA
Description  10V Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX674ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX674ESA Datasheet HTML 1Page - Maxim Integrated Products MAX674ESA Datasheet HTML 2Page - Maxim Integrated Products MAX674ESA Datasheet HTML 3Page - Maxim Integrated Products MAX674ESA Datasheet HTML 4Page - Maxim Integrated Products MAX674ESA Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
+10V Precision Voltage Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +15V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Temperature coefficient is measured by the “box” method, i.e., the maximum
∆VOUT is divided by ∆T.
Note 2: Line and load regulation specifications include the effect of self-heating.
Note 3: Guaranteed by design for MAX674CPA, MAX674CSA, MAX674EPA, MAX674ESA; sample tested for all other grades and
packages.
Input Voltage .........................................................................40V
Power Dissipation
TO-99 (TV) (derate at 7.1mW/ C above +80°C)...........500mW
CERDIP (J) (derate at 6.7mW/ C above +75°C) ..........500mW
Plastic DIP (P) (derate at 5.6mW/ C above +36°C) .....500mW
Narrow SO (S) (derate at 5.0mW/ C above +55°C) .....300mW
Storage Temperature Range .............................-65°C to +150°C
Operating Temperature Range
MAX674C ............................................................0°C to +70°C
MAX674E .........................................................-40°C to +85°C
MAX674M ......................................................-55°C to +125°C
Dice Junction Temperature (TJ) ........................-65°C to +150°C
Output Short-Circuit Duration
(to Ground or VIN)......................................................Indefinite
Lead Temperature (soldering, 60s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Tolerance
IL = 0mA
±15
mV
MAX674CTV/CPA/CSA
12
MAX674ETV/EJA/EPA/ESA
15
Output Voltage Temperature
Coefficient (Note 1)
TCVO
MAX674MTV/MJA
20
ppm/°C
Output Adjustment Range
VTRIM
Rp = 10
±300
±600
mV
Line Regulation (Note 2)
VIN = 13V to 33V
0.006
0.01
%/V
Load Regulation (Note 2)
IL = 0 to 10mA
0.001
0.002
%/mA
Turn-On Settling Time
tON
To ±0.1% of final value
5
µs
Quiescent Supply Current
IQ
No load
750
1400
µA
Noise (Note 3)
eN(P-P)
0.1Hz to 10Hz
20
30
µVP-P
Sink Current
IS
0.3
0.5
mA
Short-Circuit Current
ISC
VOUT = 0V
30
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com