Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC715 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC715
Description  High Sensitivity Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC715 Datasheet(HTML) 4 Page - Sharp Corporation

  PC715 Datasheet HTML 1Page - Sharp Corporation PC715 Datasheet HTML 2Page - Sharp Corporation PC715 Datasheet HTML 3Page - Sharp Corporation PC715 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Frequency f ( kHz )
-20
0
0.05 0.1 0.2
0.5
-10
20
10
5
2
1
50
1k
Ω
100
Ω
100
PC715V
Fig.11 Frequency Response
2
5
2
5
2
5
2
5
0.1
1
10
10 0
10
10 2
10 3
Test Circuit for Response Time
VCC
tr
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
VCE =2V
IC = 10mA
Ta = 25˚C
t f
t r
t d
t s
RL = 10kΩ
VCE = 2V
IC = 2mA
Ta = 25˚C
Please refer to the chapter “ Precautions for Use ”.
Fig.10 Response Time vs. Load Resistance
Load resistance R L ( k Ω )
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com