Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC419 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC419
Description  Compact Surface Mounted, Bi-directional Linear Output Type Photocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC419 Datasheet(HTML) 1 Page - Sharp Corporation

  PC419 Datasheet HTML 1Page - Sharp Corporation PC419 Datasheet HTML 2Page - Sharp Corporation PC419 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PC419K
PC419K
s Features
1. Bi-directional linear output
2. High breakdown voltage
( VBR : 120V)
3. Low collector dark current
( Id
4. High isolation voltage between input and
s Applications
1. Board testers
2. Programmable controllers
3. Analog switch
s Package Specifications
Model No.
Package specifications
Diameter of reel
Tape width
φ 370mm
12mm
φ 178mm
12mm
--
PC419
Anode mark
Internal connection
diagram
6˚
Soldering area
s Outline Dimensions
( Unit : mm )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
V R
6V
*1Power dissipation
P
70
mW
Output
Output current
IO
10
mA
Breakdown voltage
V BR
120
V
*1Power dissipation
P O
100
mW
Total power dissipation
P tot
120
mW
Isolation voltage
V iso
V rms
Operating temperature
T opr
- 25 to + 100
˚C
Storage temperature
T stg
- 40 to + 125
˚C
Soldering temperature
T sol
260
˚C
s Absolute Maximun Ratings
(Ta = 25˚C )
PC419K
PC419KT
PC419KZ
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
mounting
654
13
654
13
1 Anode
3 Cathode
4 Source
5 NC
6 Drain
C0.4
(Imput side)
Compact Surface Mounted,
Bi-directional Linear
Output Type Photocoupler
: MAX. 10nA )
*1
*2
*1 AC for 1 minute, 40 to 60% RH
output ( Viso : 3 750V rms )
4. Hybrid substrates which require high density
Taping package
( Net : 3 000pcs. )
Taping package
( Net : 750pcs. )
Sleeve package
( Net : 100pcs. )
*2 10 seconds or less, 0.2mm or more from the root of lead.
3 750
1.27 ± 0.25
0.4 ± 0.1
3.6 ± 0.3
5.3 ± 0.3
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7


Similar Part No. - PC419

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC419

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC729 SHARP-PC729 Datasheet
61Kb / 4P
Bi-directional Output Type Photocoupler
PC915 SHARP-PC915 Datasheet
104Kb / 7P
Wide Band Linear Output Type OPIC Photocoupler
PC219 SHARP-PC219 Datasheet
100Kb / 3P
MINI FLAT PACKAGE, BI DIRECTIONAL LINEAR OUTPUT TYPE PHOTOCOUPLER
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
PC400J00000F SHARP-PC400J00000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
logo
Source Photonics, Inc.
SPLC-35-FE-BX SOURCE-SPLC-35-FE-BX Datasheet
321Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-43-GB-BX SOURCE-SPLC-43-GB-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
SPLC-53-FE-BX SOURCE-SPLC-53-FE-BX Datasheet
327Kb / 13P
CSFP Compact SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com