Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103C Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SD103C
Description  Small Signal Schottky Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD103C Datasheet(HTML) 3 Page - Micro Commercial Components

  SD103C Datasheet HTML 1Page - Micro Commercial Components SD103C Datasheet HTML 2Page - Micro Commercial Components SD103C Datasheet HTML 3Page - Micro Commercial Components SD103C Datasheet HTML 4Page - Micro Commercial Components SD103C Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image














































I(mA)
F
T = 25 C
j
A
A
mA
ms
Figure 1. Typical variation of forward current vs. Forward.
Voltage for primary conduction through the
schottky barrier
Figure 2. Typical high current forward
conduction curve t =300ms,duty cycle=2%
p
VF
VF
VR
IF
IF
IF







Figure 3. Typical non repetitive forward surge
current versus pulse width
tp
IF





SD103A thru SD103C
MCC
Revision: 5
2008/02/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com