Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU150 Datasheet(PDF) 2 Page - Tyco Electronics

Part # LU150
Description  NEMA Cabinet Legs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LU150 Datasheet(HTML) 2 Page - Tyco Electronics

  LU150 Datasheet HTML 1Page - Tyco Electronics LU150 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
NEMA Cabinet Legs (continued)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
2
Part
For Use with
A
B
C
D
E
F
LU10
CDEUL, CDEUX & CDEUW 10A
5.00
12.00
6.00
4.00
4.00
3.00
127.00 304.80 152.40 101.60 101.60 76.20
LU30
CDEUL, CDEUX & CDEUW 30A
6.75
12.00
7.00
5.00
5.00
4.75
171.45 304.80 177.80 127.00 127.00 120.65
LU100
CDEUL, CDEUX & CDEUW 60A & 100A
8.75
12.00
7.00
5.00
5.00
6.75
222.25 304.80 177.80 127.00 127.00 171.45
LU150
CDEUL, CDEUX & CDEUW 150A
11.50
12.00
7.00
5.00
5.00
9.50
292.10 304.80 177.80 127.00 127.00 241.30
LU225
CDEUL, CDEUX & CDEUW 225A
12.75
12.00
7.00
5.00
5.00
10.75
323.85 304.80 177.80 127.00 127.00 273.05
LU400
CDEUL, CDEUX & CDEUW 400A
24.75
12.00
7.00
5.00
5.00
22.75
628.65 304.80 177.80 127.00 127.00 577.85
LU800
CDEUL, CDEUX & CDEUW 600A, 800A &
1200A *
24.75
12.00
12.00
10.00
10.00
22.75
628.65 304.80 304.80 254.00 254.00 577.85
LU1200C
CDEUL, CDEUX & CDEUW 1200A *
24.75
12.00
12.00
12.00
10.00
22.75
628.65 304.80 304.80 304.80 254.00 577.85
LF10
CDEFX & CDEFW 5A & 10A
4.00
12.00
5.00
3.00
3.00
2.00
101.60 304.80 127.00 76.20
76.20
50.80
LF50
CDEFX & CDEFW 25A & 50A
5.75
12.00
5.00
3.00
3.00
3.75
146.05 304.80 127.00 76.20
76.20
95.25
LF100
CDEFX & CDEFW 100A
8.50
12.00
6.00
4.00
4.00
6.50
215.90 304.80 152.40 101.60 101.60 165.10
LF150
CDEFX & CDEFW 150A
9.25
12.00
7.00
5.00
5.00
7.25
234.95 304.80 177.80 127.00 127.00 184.15
LF200
CDEFX & CDEFW 200A
11.00
12.00
7.00
5.00
5.00
9.00
279.40 304.80 177.80 127.00 127.00 228.60
LF300
CDEFX & CDEFW 300A
19.00
12.00
7.00
5.00
5.00
17.00
482.60 304.80 177.80 127.00 127.00 431.80
LF400
CDEFX & CDEFW 400A
23.00
12.00
7.00
5.00
5.00
21.00
584.20 304.80 177.80 127.00 127.00 533.40
LF600
CDEFX & CDEFW 600A
18.75
12.00
12.00
10.00
10.00
16.75
476.25 304.80 304.80 254.00 254.00 425.45
LF800
CDEFX & CDEFW 800A & 1000A **
22.75
12.00
12.00
10.00
10.00
20.75
577.85 304.80 304.80 254.00 254.00 527.05
LF1000C
CDEFX & CDEFW 1000A **
22.75
12.00
12.00
12.00
10.00
20.75
577.85 304.80 304.80 304.80 254.00 527.05
Dimensions
* 1200A Models require two LU800 and one LU1200C. The LU1200C is the Center Leg only.
** 1000A Models require two LF800 and one LF1000C. The LF1000C is the Center Leg only



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com