Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20060CT Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR20060CT
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR20060CT Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR20060CT Datasheet HTML 1Page - Microsemi Corporation MBR20060CT Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Schottky PowerMod
CPT30060
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
Baseplate: Nickel plated
copper
Thermal and Mechanical Characteristics
4300 pF
4.0 mA
75 mA
.68 Volts
.82 Volts
2 Amps
2000 Amps
150 Amps
300 Amps
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
Electrical Characteristics
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
Maximum repetitive reverse current per leg
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
Mounting Base Torque (outside holes)
C
STG
OCS
OJC
R
R
TJ
T
J
F(AV)
R(OV)
RM
RM
FSM
V
I
FM
I
I
FM
V
I
F(AV)
I
I
Catalog Number
H
Q
60V
Reverse Voltage
Working Peak
*Add Suffix A for Common Anode, D for Doubler
CPT30060*
Microsemi
U
N
W
F
V
E
Notes:
Repetitive Peak
Reverse Voltage
60V
U
C
B
G
R
A
C = 127°C, Square wave,
0JC = 0.40°C/W
C = 127°C, Square wave,
0JC = 0.20°C/W
30-40 inch pounds
2.8 ounces (75 grams) typical
8-10 inch pounds
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
R = 5.0V, C = 25°C
RRM, J = 25°C
RRM, J = 125°C*
FM = 200A: J = 175°C*
FM = 200A: J = 25°C*
f = 1 KHZ, 25°C, 1µsec square wave
8.3ms, half sine, J = 175°C
35-50 inch pounds
V
0.08°C/W
0.40°C/W
T
I
V
V
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
1/4-20
Notes
0.800
0.630
0.130
0.510
---
0.290
---
0.195
3.150 BSC
---
.340
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.010
G
H
F
0.700
---
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
0.25
7.37
---
4.95
---
8.64
20.32
16.00
3.30
12.95
---
3.630
Max.
Dim. Inches
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
R
Junction to case
0.20°C/W
Part Number
MBRP20060CT
Industry
MBRP30060CT
MBR30060CT
MBR20060CT
Reverse Energy Tested
Schottky Barrier Rectifier
Guard Ring Protection
175°C Junction Temperature
300 Amperes/60 Volts
January, 2010 - Rev. 6
www.microsemi.com


Similar Part No. - MBR20060CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20060CT MCC-MBR20060CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20060CT TEL-MBR20060CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Naina Semiconductor ltd...
MBR20060CT NAINA-MBR20060CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 200A
logo
America Semiconductor, ...
MBR20060CT AMERICASEMI-MBR20060CT Datasheet
446Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
MBR20060CT NJSEMI-MBR20060CT Datasheet
47Kb / 1P
200 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR20060CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
FST15135 MICROSEMI-FST15135 Datasheet
149Kb / 2P
Schottky PowerMod
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com