Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS40Z Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS40Z
Description  Small Signal Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS40Z Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS40Z Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS40Z Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAS40Z
VOLTAGE 40 V, 200 mA
Small Signal Schottky Diode
17-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
E
F
J
B
C
D
G
A
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
♦
Low Forward Voltage Drop
♦
Fast Switching
MARKING
KAN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
TYPE NUMBER
SYMBOL
VALUE
UNIT
Non-Repetitive Peak Reverse Voltage
VRM
40
V
DC Blocking Voltage
VR
40
V
Average Rectified Output Current
IO
200
mA
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient Air
R
θJA
833
°C/W
Junction & Storage Temperature
TJ, TSTG
-55~125, -65~150
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
°C ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
MIN
MAX
UNIT
TEST CONDITION
Reverse Breakdown Voltage
V(BR)
40
V
IR= 10µA
Reverse Voltage Leakage Current
IR
200
nA
VR=30V
380
mV
IF=1mA
Forward Voltage
VF
1000
mV
IF=40mA
Total Capacitance
CT
5
pF
VR=0, f=1MHz
Reverse Recovery Time
trr
5
nS
IF=10mA,IR=IF=1mA,RL=100
SOT-563
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - BAS40Z

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAS40Z SECOS-BAS40Z_15 Datasheet
127Kb / 2P
Small Signal Schottky Diode
More results

Similar Description - BAS40Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com