Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RO4350B Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # RO4350B
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

RO4350B Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  RO4350B Datasheet HTML 1Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 2Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 3Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 4Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 5Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 6Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 7Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 8Page - Freescale Semiconductor, Inc RO4350B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RF Device Data
Freescale Semiconductor
MRF6V13250HR3 MRF6V13250HSR3
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
B (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
μAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID =50 mA)
V(BR)DSS
120
—
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =90 Vdc, VGS =0 Vdc)
IDSS
—
—
20
μAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 640 μAdc)
VGS(th)
1.0
1.8
2.7
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
2.0
2.4
3.0
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =1.58 Adc)
VDS(on)
0.1
0.25
0.3
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.2
—
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
58
—
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
—
340
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 250 W Peak (25 W Avg.), f = 1300 MHz
Pulsed, 200 μsec Pulse Width, 10% Duty Cycle
Power Gain
Gps
21.5
22.7
24.0
dB
Drain Efficiency
ηD
53.5
57.0
—
%
Input Return Loss
IRL
—
--18
--9
dB
Typical Performance (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ =10 mA, Pout = 230 W CW, f = 1300 MHz, TC =25°C
Power Gain
Gps
—
21.0
—
dB
Drain Efficiency
ηD
—
55.0
—
%
Input Return Loss
IRL
—
--17
—
dB
Load Mismatch (In Freescale Application Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 250 W Peak (25 W Avg.),
f = 1300 MHz, Pulsed, 200 μsec Pulse Width, 10% Duty Cycle
VSWR 10:1 at all Phase Angles
Ψ
No Degradation in Output Power
1. Part internally input matched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com