Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2BS01 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICE2BS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2BS01 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICE2BS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 21Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 22Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 23Page - Infineon Technologies AG ICE2BS01 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Datasheet
21
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Typical Performance Characteristics
Figure 35 Frequency Ratio fOSC3 / fOSC4 vs. Tj
Figure 36 Max. Duty Cycle vs. Tj
Figure 37 PWM-OP Gain AV vs. Tj
Figure 38 Feedback Resistance RFB vs. Tj
Figure 39 Soft-Start Resistance RSoft-Start vs. Tj
Figure 40 Detection Limit VFB2 vs. Tj
Junction Temperature [°C]
0,710
0,712
0,714
0,716
0,718
0,720
0,722
0,724
0,726
0,728
0,730
-25 -15
-5
5
1525
3545556575
8595 105 115 125
Junction Temperature [°C]
3,60
3,61
3,62
3,63
3,64
3,65
3,66
3,67
3,68
3,69
3,70
-25 -15
-5
5
152535455565758595 105 115 125
Junction Temperature [°C]
3,50
3,55
3,60
3,65
3,70
3,75
3,80
3,85
3,90
3,95
4,00
-25 -15
-5
5
15253545
5565758595 105 115 125
Junction Temperature [°C]
40
42
44
46
48
50
52
54
56
58
-25 -15
-5
5
152535
45556575
8595 105 115 125
Junction Temperature [°C]
4,75
4,76
4,77
4,78
4,79
4,80
4,81
4,82
4,83
4,84
4,85
-25 -15
-5
5
1525
35455565
758595 105 115 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com