Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS301 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS301
Description  Microchip Technology Inc. is a code hopping encoder designed for secure
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS301 Datasheet HTML 9Page - Microchip Technology HCS301 Datasheet HTML 10Page - Microchip Technology HCS301 Datasheet HTML 11Page - Microchip Technology HCS301 Datasheet HTML 12Page - Microchip Technology HCS301 Datasheet HTML 13Page - Microchip Technology HCS301 Datasheet HTML 14Page - Microchip Technology HCS301 Datasheet HTML 15Page - Microchip Technology HCS301 Datasheet HTML 16Page - Microchip Technology HCS301 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2011 Microchip Technology Inc.
DS21143C-page 13
HCS301
6.0
PROGRAMMING THE HCS301
When using the HCS301 in a system, the user will have
to program some parameters into the device including
the serial number and the secret key before it can be
used. The programming cycle allows the user to input
all 192 bits in a serial data stream, which are then
stored internally in EEPROM. Programming will be
initiated by forcing the PWM line high, after the S2 (or
S3) line has been held high for the appropriate length
of time line (Table 6-1 and Figure 6-1). After the Pro-
gram mode is entered, a delay must be provided to the
device for the automatic bulk write cycle to complete.
This will set all locations in the EEPROM to zeros. The
device can then be programmed by clocking in 16 bits
at a time, using S2 (or S3) as the clock line and PWM
as the data in line. After each 16-bit word is loaded, a
programming delay is required for the internal program
cycle to complete. This delay can take up to TWC. At the
end of the programming cycle, the device can be veri-
fied (Figure 6-2) by reading back the EEPROM. Read-
ing is done by clocking the S2 (or S3) line and reading
the data bits on PWM. For security reasons, it is not
possible to execute a verify function without first pro-
gramming the EEPROM. A Verify operation can only
be done once, immediately following the Program
cycle.
FIGURE 6-1:
PROGRAMMING WAVEFORMS
FIGURE 6-2:
VERIFY WAVEFORMS
Note:
To ensure that the device does not acci-
dentally enter Programming mode, PWM
should never be pulled high by the circuit
connected to it. Special care should be
taken when driving PNP RF transistors.
PWM
Enter Program
Mode
(Data)
(Clock)
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14
Bit 15
Bit 16
Bit 17
TPH1
TPBW
TPS
Repeat for each word (12 times)
TPH2
TCLKH
TCLKL
TWC
TDS
S2 (S3)
Data for Word 0 (KEY_0)
Data for Word 1
TDH
2: The VDD pin must be taken to ground after a Program/Verify cycle.
PWM
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data from Word 0
TDV
S2 (S3)
Bit 0
Bit191
Bit190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com