Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1250TL Datasheet(PDF) 1 Page - Semikron International

Part # SB1250TL
Description  Schottky barrier rectifiers diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SB1250TL Datasheet(HTML) 1 Page - Semikron International

  SB1250TL Datasheet HTML 1Page - Semikron International SB1250TL Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial lead diode
Schottky barrier rectifiers
diodes
SB1220TL...SB12100TL
Forward Current: 12 A
Reverse Voltage: 20 to 100 V
Preliminary Data
Features
Mechanical Data
1)
2)
3)
4)
5)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SB1220TL...SB12100TL
1
07-10-2010 MAM
© by SEMIKRON


Similar Part No. - SB1250TL

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB1250 DIOTEC-SB1250 Datasheet
106Kb / 2P
Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1250 DIOTEC-SB1250 Datasheet
98Kb / 2P
Schottky Barrier Rectifiers
logo
Semikron International
SB1250 SEMIKRON-SB1250 Datasheet
378Kb / 2P
Schottky barrier rectifiers diodes
logo
Micro Commercial Compon...
SB1250 MCC-SB1250 Datasheet
479Kb / 3P
12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1250 LRC-SB1250 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
More results

Similar Description - SB1250TL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB120 SEMIKRON-SB120 Datasheet
127Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
1N5817 SEMIKRON-1N5817_07 Datasheet
131Kb / 2P
Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SM5817 SEMIKRON-SM5817_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com