Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4050II Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4050II
Description  AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4050II Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4050II Datasheet HTML 1Page - Sanyo Semicon Device STK4050II Datasheet HTML 2Page - Sanyo Semicon Device STK4050II Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STK4050II
No. 4807—2/3
Operating Characteristics at Ta = 25
°C, V
CC = ±66V, RL = 8Ω (noninductive load), Rg = 600Ω, VG = 40dB
Notes.
All tests are measured using a constant-voltage supply unless otherwise specified.
Output noise voltage is measured using the transformer supply specified below.
The output noise voltage is the peak value of an average-reading meter with an rms value scale. The noise voltage waveform does not inl-
cude any pulse noise.
Specified Transformer Supply (MG-250 or Equivalent)
Equivalent Circuit
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±80V
15
–
120
mA
Output power
PO
THD = 0.4%, f = 20Hz to
20kHz
200
–
–
W
Total harmonic distortion
THD
PO = 1.0W, f = 1kHz
–
–
0.3
%
Frequency response
fL, fH
PO = 1.0W,
–
20 to 50k
–
Hz
Input impedance
ri
PO = 1.0W, f = 1kHz
–
55
–
k
Ω
Output noise voltage
VNO
VCC = ±80V, Rg = 10kΩ
–
–
1.2
mVrms
Neutral voltage
VN
VCC = ±80V
−70
0
+70
mV
+0
−3 dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com