Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3003 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 9Page - Micrel Semiconductor MIC3003 Datasheet HTML 10Page - Micrel Semiconductor MIC3003 Datasheet HTML 11Page - Micrel Semiconductor MIC3003 Datasheet HTML 12Page - Micrel Semiconductor MIC3003 Datasheet HTML 13Page - Micrel Semiconductor MIC3003 Datasheet HTML 14Page - Micrel Semiconductor MIC3003 Datasheet HTML 15Page - Micrel Semiconductor MIC3003 Datasheet HTML 16Page - Micrel Semiconductor MIC3003 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
13
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Control and Status I/O Timing, TXFAULT, TXDISABLE, RS0, RRSOUT, and RXLOS
tOFF
TXDISABLE Assert Time
From input asserted to optical output
at 10% of nominal, CCOMP = 10nF.
10
µs
tON
TXDISABLE De-assert Time
From input de-asserted to optical output
at 90% of nominal, CCOMP = 10nF.
1
ms
tINIT
Initialization Time
From power on or transmitter enabled to
optical output at 90% of nominal and
TX_FAULT de-asserted. Note 10
300
ms
tINIT2
Power-on Initialization Time
From power on to APC loop-enabled.
200
ms
tFAULT
TXFAULT Assert Time
From fault condition to TXFAULT
assertion. Note 10
95
µs
tRESET
Fault Reset Time
Length of time TXDISABLE must be
asserted to reset fault condition.
10
µs
tLOSS_ON
RXLOS Assert Time
From loss of signal to RXLOS asserted.
95
µs
tLOSS_OFF
RXLOS De-assert Time
From signal acquisition to LOS
de-asserted.
100
µs
tDATA
Analog Parameter Data Ready
From power on to valid analog
parameter data available. Note 10
400
ms
tPROP_IN
TXFAULT, TXDISABLE, RXLOS,
RS0, RS1 Input Propagation Time
Time from input change to
corresponding internal register bit set or
cleared. Note 10
1
µs
tPROP_OUT TXFAULT, TRSOUT, TRRSOUT,
/INT, QGPO Output Propagation
Time
From an internal register bit set or
cleared to corresponding output change.
Note 10
1
µs
Fault Comparators
FLTTMR
Fault Suppression Timer Clock
Period
Note 10
0.475
0.5
0.525
ms
Accuracy
-3
+3
%/fs
tREJECT
Glitch Rejection
Maximum length pulse that will not
cause output to change state. Note 10
4.5
µs
High level
95
%VDDA
VSAT
Saturation Detection Threshold
Low level
5
%VDDA
Power-On Hour Meter
Timebase Accuracy
0°C ≤ TA ≤ +70°, Note 10
+5
-5
%
–40°C ≤ TA ≤ +105°C
+10
-10
%
Resolution
Note 10
10
hours
Non-Volatile (FLASH) Memory
tWR
Write Cycle Time, Note 11
Measured from the SMBus STOP
condition of a one-byte to eight-byte
write transaction. Note 10
13
ms
NVRAM Data Retention
100
years
Endurance
Maximum permitted number of write
cycles to any single NVRAM location
10,000
cycles
Notes:
10. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.
11. The MIC3003 will not respond to serial bus transactions during an EEPROM write cycle. The host will receive a NACK response during tWR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com