Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M16C26A-RCT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M16C26A-RCT
Description  Sample Program (Remote Control Transmission/Reception)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C26A-RCT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M16C26A-RCT Datasheet HTML 2Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 3Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 4Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 5Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 6Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 7Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 8Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 9Page - Renesas Technology Corp M16C26A-RCT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REJ05B0814-0110 Rev.1.10
2007.12
Page 6 of 18
M16C/26A Group
Sample Program (Remote Control Transmission/Reception)
7.
Definition of the RSK Functionality and the RSK_LIB APIs and Common Functions Used by
Remote Control Transmission/Reception
7.1 Definition of the RSK Functionality
RSKdefine.h file
In this application, the following functionalities (those shown in red) are set.
Individual definition of each selected functionality
/*********************************************************
The boot information on CPU is defined
Usually, this mode is used
*********************************************************/
#define _CPU_M16C26A_NORMAL_MOD
/* Use in low power mode can be performed. */
//#define _CPU_M16C26A_32KHZ_MOD
/* Use of access of a flash can be performed. */
//#define _CPU_M16C26A_DATAFLASF_USE
/********************************************************
The hardware function which RSK supports is chosen
/********************************************************/
#define _USE_KEY
#define _USE_BUZZER
//#define _OPTION_USE_AD
//#define _OPTION_USE_COM_RX
//#define _OPTION_USE_COM_TX
#define _OPTION_USE_INFRAEDRX
#define _OPTION_USE_INFRAEDTX
//#define _OPTION_USE_SW
//#define _OPTION_USE_LED
//#define _OPTION_USE_IO
#if defined _USE_KEY
/* A key matrix continues pushing and existence is defined.*/
/*When not using
-USE_KEY_CONTINU is made a comment. */
#define _USE_KEY_CONTINU
#if defined _USE_KEY_CONTINU
#define _CONTINU_SW1
_KEY_CONTEINU_ON
#define _CONTINU_SW2
_KEY_CONTEINU_ON
#define _CONTINU_SW3
_KEY_CONTEINU_ON
#define _CONTINU_SW4
_KEY_CONTEINU_ON
#define _CONTINU_SW5
_KEY_CONTEINU_ON
#define _CONTINU_SW6
_KEY_CONTEINU_ON
#define _CONTINU_SW7
_KEY_CONTEINU_ON
#define _CONTINU_SW8
_KEY_CONTEINU_ON
#define _CONTINU_SW9
_KEY_CONTEINU_ON
#define _CONTINU_SW10
_KEY_CONTEINU_ON
#define _CONTINU_SW11
_KEY_CONTEINU_ON
#define _CONTINU_SW12
_KEY_CONTEINU_ON
#define _CONTINU_SW13
_KEY_CONTEINU_ON
#define _CONTINU_SW14
_KEY_CONTEINU_ON
#define _CONTINU_SW15
_KEY_CONTEINU_ON
#define _CONTINU_SW16
_KEY_CONTEINU_ON
#else
Continuous key depressions are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com