Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1-SW16 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SW1-SW16
Description  Sample Program (Electronic Desktop Calculator)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SW1-SW16 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SW1-SW16 Datasheet HTML 2Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 3Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 4Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 5Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 6Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 7Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 8Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 9Page - Renesas Technology Corp SW1-SW16 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REJ05B0812-0120 Rev.1.20
2007.11
Page 6 of 18
M16C/26A Group
Sample Program (Electronic Desktop Calculator)
6.
Definition of the RSK Functionality and the RSK_LIB APIs and Common Functions Used by the
Calculator
6.1 Definition of the RSK Functionality
RSKdefine.h file
In this application, the following functionalities (those shown in red) are set.
Individual definition of each selected functionality.
/*********************************************************
The boot information on CPU is defined
Usually, this mode is used
*********************************************************/
#define _CPU_M16C26A_NORMAL_MOD
/* Use in low power mode can be performed. */
//#define _CPU_M16C26A_32KHZ_MOD
/* Use of access of a flash can be performed. */
//#define _CPU_M16C26A_DATAFLASF_USE
/********************************************************
The hardware function which RSK supports is chosen
/********************************************************/
#define _USE_KEY
#define _USE_BUZZER
//#define _OPTION_USE_AD
//#define _OPTION_USE_COM_RX
//#define _OPTION_USE_COM_TX
//#define _OPTION_USE_INFRAEDRX
//#define _OPTION_USE_INFRAEDTX
//#define _OPTION_USE_SW
//#define _OPTION_USE_LED
//#define _OPTION_USE_IO
#if defined _USE_KEY
/* A key matrix continues pushing and existence is defined.*/
/*When not using
-USE_KEY_CONTINU is made a comment. */
//#define _USE_KEY_CONTINU
#if defined _USE_KEY_CONTINU
#else
#define _CONTINU_SW1 _KEY_CONTEINU_OFF
#define _CONTINU_SW2 _KEY_CONTEINU_OFF
#define _CONTINU_SW3 _KEY_CONTEINU_OFF
#define _CONTINU_SW4 _KEY_CONTEINU_OFF
#define _CONTINU_SW5 _KEY_CONTEINU_OFF
#define _CONTINU_SW6 _KEY_CONTEINU_OFF
#define _CONTINU_SW7 _KEY_CONTEINU_OFF
#define _CONTINU_SW8 _KEY_CONTEINU_OFF
#define _CONTINU_SW9 _KEY_CONTEINU_OFF
#define _CONTINU_SW10 _KEY_CONTEINU_OFF
#define _CONTINU_SW11 _KEY_CONTEINU_OFF
#define _CONTINU_SW12 _KEY_CONTEINU_OFF
#define _CONTINU_SW13 _KEY_CONTEINU_OFF
#define _CONTINU_SW14 _KEY_CONTEINU_OFF
#define _CONTINU_SW15 _KEY_CONTEINU_OFF
#define _CONTINU_SW16 _KEY_CONTEINU_OFF
#endif
Continuous key depression is not used in
this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com