Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37101 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC37101
Description  1A Low-Voltage 關Cap LDO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37101 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC37101 Datasheet HTML 7Page - Micrel Semiconductor MIC37101 Datasheet HTML 8Page - Micrel Semiconductor MIC37101 Datasheet HTML 9Page - Micrel Semiconductor MIC37101 Datasheet HTML 10Page - Micrel Semiconductor MIC37101 Datasheet HTML 11Page - Micrel Semiconductor MIC37101 Datasheet HTML 12Page - Micrel Semiconductor MIC37101 Datasheet HTML 13Page - Micrel Semiconductor MIC37101 Datasheet HTML 14Page - Micrel Semiconductor MIC37101 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC37100/37101/37102
September 2007
13
M9999-090607
Figure 4 shows copper area versus power dissipation
with each trace corresponding to a different temperature
rise above ambient.
From these curves, the minimum area of copper
necessary for the part to operate safely can be
determined. The maximum allowable temperature rise
must be calculated to determine operation along which
curve.
∆T = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating temp-
erature.
For example, the maximum ambient temperature is
50°C, the ∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C
Using Figure 4, the minimum amount of required copper
can be determined based on the required power
dissipation. Power dissipation in a linear regulator is
calculated as follows:
PD = (VIN – VOUT) IOUT + VIN × IGND
If we use a 2.5V output device and a 3.3V input at an
output current of 1A, then our power dissipation is as
follows:
PD = (3.3V – 2.5V) × 1A + 3.3V × 11mA
PD = 800mW + 36mW
PD = 836mW
From Figure 4, the minimum amount of copper required
to operate this application at a ∆T of 75°C is 160mm
2.
Quick Method
Determine the power dissipation requirements for the
design along with the maximum ambient temperature at
which the device will be operated. Refer to Figure 5,
which shows safe operating curves for three different
ambient temperatures: 25°C, 50°C and 85°C. From
these curves, the minimum amount of copper can be
determined by knowing the maximum power dissipation
required. If the maximum ambient temperature is 50°C
and the power dissipation is as above, 836mW, the
curve in Figure 5 shows that the required area of copper
is 160mm
2.
The θJA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane
to which it is attached.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
T
A =85°C
50°C 25°C
TJ = 125°C
Figure 5. Copper Area vs. Power-SOIC
Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com