Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEC1033 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEC1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEC1033 Datasheet(HTML) 2 Page - STMicroelectronics

  TEC1033 Datasheet HTML 1Page - STMicroelectronics TEC1033 Datasheet HTML 2Page - STMicroelectronics TEC1033 Datasheet HTML 3Page - STMicroelectronics TEC1033 Datasheet HTML 4Page - STMicroelectronics TEC1033 Datasheet HTML 5Page - STMicroelectronics TEC1033 Datasheet HTML 6Page - STMicroelectronics TEC1033 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TEB1033-TEF1033-TEC1033
2/7
SCHEMATIC DIAGRAM (1/2 TEB1033)
ABSOLUTE MAXIMUM RATINGS
R1
2k
R16
4k
R2
2k
R5
4k
Q25
Q11
Q2
Q3
R6
4k
Q12
Q13
R11
1k
Q14
Q35
R18
2k
R12
812
VCC
VCC
Q29
Q27
Q21
Q37
Q38
Q28
Q30
Q22
Q36
Q17
R17
4k
R14
27
R13
27
Output
Q20
Q19
Q23
Q34
Q33
R10
45k
R9
15k
R8
150k
R7
15k
Q18
C1
43pF
C2
23pF
Non-inverting
Input
Inverting
Input
Q15
Q32
Q31
Q10
Q9
R4
1.2k
R3
60k
R15
150k
Q8
Q4
Q6
Q7
Q5
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
Vid
Differential Input Voltage
± (VCC -1)
V
Vi
Input Voltage
± VCC
V
Ptot
Power Dissipation
D suffix
N suffix
400
665
mW
Toper
Operating Free-Air Temperature Range
TEB1033
TEF1033
TEC1033
0 to +70
-40 to 105
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com