Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS2545CFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2545CFP
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2545CFP Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2545CFP Datasheet HTML 1Page - STMicroelectronics STPS2545CFP Datasheet HTML 2Page - STMicroelectronics STPS2545CFP Datasheet HTML 3Page - STMicroelectronics STPS2545CFP Datasheet HTML 4Page - STMicroelectronics STPS2545CFP Datasheet HTML 5Page - STMicroelectronics STPS2545CFP Datasheet HTML 6Page - STMicroelectronics STPS2545CFP Datasheet HTML 7Page - STMicroelectronics STPS2545CFP Datasheet HTML 8Page - STMicroelectronics STPS2545CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS2545C
Characteristics
Doc ID 8736 Rev 3
3/10
To evaluate the conduction losses use the following equation :
P = 0.42 x IF(AV) + 0.012 x IF
2
(RMS)
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
125
µA
Tj = 125 °C
9
25
mA
VF
(1)
Forward voltage drop
Tj = 125 °C
IF = 12.5 A
0.50
0.57
V
Tj = 25 °C
IF = 25 A
0.84
Tj = 125 °C
IF = 25 A
0.65
0.72
1.
Pulse test : tp = 380 µs, δ < 2%
Figure 1.
Conduction losses versus average
current)
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
0
1
2
3
4
5
6
7
8
9
10
0.0
2.5
5.0
7.5
10.0
12.5
15.0
I
(A)
F(AV)
δ = 0.05 δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
P
(W)
F(AV)
T
δ=tp/T
tp
0
2
4
6
8
10
12
14
0
25
50
75
100
125
150
175
T
(°C)
amb
Rth
(j-a)=Rth(j-c)
Rth
(j-a)=50°C/W
TO-220AB/D²PAK
I
(A)
F(AV)
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com