| Electronic Components Datasheet Search |
|
ADP5587ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5587ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 24 page ![]() ADP5587 Rev. B | Page 14 of 24 I2C PROGRAMMING AND DIGITAL CONTROL The ADP5587 provides full software programmability to facilitate its adoption in various product architectures. All register programming is done via the I2C bus at Address 0x69 (01101001) for a read and Address 0x68 (01101000) for a write. All communication to the ADP5587 is performed via its I2C- compatible serial interface. Figure 16 shows a typical write sequence for programming an internal register. The cycle begins with a start condition followed by the chip write address (0x68). The ADP5587 acknowledges the chip write address byte by pulling the data line low. The address of the register to which data is to be written is sent next. The ADP5587 acknowledges the register address byte by pulling the data line low. The data byte to be written is sent next. The ADP5587 acknowledges the data byte by pulling the data line low, and a stop condition completes the sequence. Figure 17 shows a typical read sequence for reading back an internal register. The cycle begins with a start condition followed by the chip write address (0x68). The ADP5587 acknowledges the chip write address byte by pulling the data line low. The address of the register from which data is to be read is sent next. The ADP5587 acknowledges the register address byte by pulling the data line low. The cycle continues with a repeat start followed by the chip read address (0x69). The ADP5587 acknowledges the chip read address byte by pulling the data line low. The ADP5587 places the contents of the previously addressed register on the bus for readback. There is no acknowledge following the readback data byte, and a stop condition completes the cycle. SUBADDRESS CHIP ADDRESS ST 0 1 1 0 1 0 0 0 0 0 SP 0 = WRITE ADP5587 RECEIVES DATA 0 Figure 16. I2C Write Sequence SUBADDRESS CHIP ADDRESS CHIP ADDRESS ST 0 1 1 0 1 0 0 0 0 0 0 0 0 0 1 1 0 ST 0 1 1 0 1 0 0 0 1 SP 1 = READ ADP5587 SENDS DATA 0 = WRITE 0 1 Figure 17. I2C Read and Write Sequences READ START ADDR CHIP ADDRESS CHIP ADDRESS ST 0 1 1 0 1 0 0 0 0 0 0 0 0 0 1 1 0 ST 0 1 1 0 1 0 0 0 0 1 = READ ADP5587 SENDS DATA 1 0 = WRITE 0 1 1 ADP5587 SENDS DATA N ... ST Figure 18. I2C Read Auto-Increment |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |