Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC8572ECVTARLD Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PPC8572ECVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572ECVTARLD Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PPC8572ECVTARLD Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572ECVTARLD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
4
Freescale Semiconductor
Overview
— Interrupts can be routed to the e500 core’s standard or critical interrupt inputs.
— Interrupt summary registers allow fast identification of interrupt source.
•
Integrated security engine (SEC) optimized to process all the algorithms associated with IPSec,
IKE, SSL/TLS, SRTP, 802.16e, and 3GPP
— Four crypto-channels, each supporting multi-command descriptor chains
–
Dynamic assignment of crypto-execution units through an integrated controller
–
Buffer size of 256 bytes for each execution unit, with flow control for large data sizes
— PKEU—public key execution unit
– RSA and Diffie-Hellman; programmable field size up to 4096 bits
– Elliptic curve cryptography with F2m and F(p) modes and programmable field size up to
1023 bits
— DEU—Data Encryption Standard execution unit
– DES, 3DES
– Two key (K1, K2, K1) or three key (K1, K2, K3)
– ECB, CBC and OFB-64 modes for both DES and 3DES
— AESU—Advanced Encryption Standard unit
– Implements the Rijndael symmetric key cipher
– ECB, CBC, CTR, CCM, GCM, CMAC, OFB-128, CFB-128, and LRW modes
– 128-, 192-, and 256-bit key lengths
— AFEU—ARC four execution unit
–
Implements a stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— MDEU—message digest execution unit
– SHA-1 with 160-bit message digest
– SHA-2 (SHA-256, SHA-384, SHA-512)
– MD5 with 128-bit message digest
– HMAC with all algorithms
— KEU—Kasumi execution unit
– Implements F8 algorithm for encryption and F9 algorithm for integrity checking
– Also supports A5/3 and GEA-3 algorithms
— RNG—random number generator
— XOR engine for parity checking in RAID storage applications
— CRC execution unit
– CRC-32 and CRC-32C
•
Pattern Matching Engine with DEFLATE decompression
— Regular expression (regex) pattern matching
– Built-in case insensitivity, wildcard support, no pattern explosion
– Cross-packet pattern detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com