| Electronic Components Datasheet Search |
|
MPC8343CVRADDB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8343CVRADDB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 79 page ![]() MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10 6 Freescale Semiconductor Electrical Characteristics — Misaligned transfer capability — Data chaining and direct mode — Interrupt on completed segment and chain • DUART — Two 4-wire interfaces (RxD, TxD, RTS, CTS) — Programming model compatible with the original 16450 UART and the PC16550D • Serial peripheral interface (SPI) for master or slave • General-purpose parallel I/O (GPIO) — 39 parallel I/O pins multiplexed on various chip interfaces • System timers — Periodic interrupt timer — Real-time clock — Software watchdog timer — Eight general-purpose timers • Designed to comply with IEEE Std. 1149.1™, JTAG boundary scan • Integrated PCI bus and SDRAM clock generation 2 Electrical Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC8343EA. The device is currently targeted to these specifications. Some of these specifications are independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer design specifications. 2.1 Overall DC Electrical Characteristics This section covers the ratings, conditions, and other characteristics. 2.1.1 Absolute Maximum Ratings Table 1 provides the absolute maximum ratings. Table 1. Absolute Maximum Ratings1 Parameter Symbol Max Value Unit Notes Core supply voltage VDD –0.3 to 1.32 V — PLL supply voltage AVDD –0.3 to 1.32 V — DDR and DDR2 DRAM I/O voltage GVDD –0.3 to 2.75 –0.3 to 1.98 V— Three-speed Ethernet I/O, MII management voltage LVDD –0.3 to 3.63 V — PCI, local bus, DUART, system control and power management, I2C, and JTAG I/O voltage OVDD –0.3 to 3.63 V — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |