Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFSYS35 Datasheet(PDF) 46 Page - Intel Corporation

Part # MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Datasheet(HTML) 46 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 42Page - Intel Corporation MFSYS35 Datasheet HTML 43Page - Intel Corporation MFSYS35 Datasheet HTML 44Page - Intel Corporation MFSYS35 Datasheet HTML 45Page - Intel Corporation MFSYS35 Datasheet HTML 46Page - Intel Corporation MFSYS35 Datasheet HTML 47Page - Intel Corporation MFSYS35 Datasheet HTML 48Page - Intel Corporation MFSYS35 Datasheet HTML 49Page - Intel Corporation MFSYS35 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Product Regulatory Requirements
Intel® Modular Server System MFSYS25/MFSYS35 TPS
40
Revision 1.3
4.4.2
ICES-003 (Canada)
Cet appareil numŽrique respecte les limites bruits radioŽlectriques applicables aux appareils
numŽriques de Classe A prescrites dans la norme sur le matŽriel brouilleur: “Appareils
NumŽriques”, NMB-003 ŽdictŽe par le Ministre Canadian des Communications.
English translation of the notice above:
This digital apparatus does not exceed the Class A limits for radio noise emissions from digital
apparatus set out in the interference-causing equipment standard entitled “Digital Apparatus,”
ICES-003 of the Canadian Department of Communications.
Recycle battery in accordance with applicable WEEE and Battery laws.
Perchlorate Material - special handling may apply. See:
http://www.dtsc.ca.gov/hazardouswaste/perchlorate
This notice is required by California Code of Regulations, Title 22, Division 4.5, Chapter 33:
Best Management Practices for Perchlorate Materials. This product/part includes a battery
which contains perchlorate material.
4.4.3
Europe (CE Declaration of Conformity)
This product has been tested in accordance too, and complies with the Low Voltage Directive
(73/23/EEC) and EMC Directive (89/336/EEC). The product has been marked with the CE Mark
to illustrate its compliance.
Recycle battery in accordance with applicable WEEE and Battery laws.
Perchlorate Material - special handling may apply. See:
http://www.dtsc.ca.gov/hazardouswaste/perchlorate
This notice is required by California Code of Regulations, Title 22, Division 4.5, Chapter 33:
Best Management Practices for Perchlorate Materials. This product/part includes a battery
which contains perchlorate material.
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com