Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX238ERG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX238ERG
Description  5V-Powered, Multichannel RS-232 Drivers/Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX238ERG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX238ERG Datasheet HTML 1Page - Maxim Integrated Products MAX238ERG Datasheet HTML 2Page - Maxim Integrated Products MAX238ERG Datasheet HTML 3Page - Maxim Integrated Products MAX238ERG Datasheet HTML 4Page - Maxim Integrated Products MAX238ERG Datasheet HTML 5Page - Maxim Integrated Products MAX238ERG Datasheet HTML 6Page - Maxim Integrated Products MAX238ERG Datasheet HTML 7Page - Maxim Integrated Products MAX238ERG Datasheet HTML 8Page - Maxim Integrated Products MAX238ERG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
+5V-Powered, Multichannel RS-232
Drivers/Receivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS—MAX220/222/232A/233A/242/243
ELECTRICAL CHARACTERISTICS—MAX220/222/232A/233A/242/243
(VCC = +5V ±10%, C1–C4 = 0.1µF‚ MAX220, C1 = 0.047µF, C2–C4 = 0.33µF, TA = TMIN to TMAX‚ unless otherwise noted.) (Note 3)
Note 1: For the MAX220, V+ and V- can have a maximum magnitude of 7V, but their absolute difference cannot exceed 13V.
Note 2: Input voltage measured with TOUT in high-impedance state, VSHDN or VCC = 0V.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
V+ (Note 1) ..................................................(VCC - 0.3V) to +14V
V- (Note 1) ..............................................................+0.3V to -14V
Input Voltages
TIN .............................................................-0.3V to (VCC - 0.3V)
RIN (Except MAX220) ........................................................±30V
RIN (MAX220) ....................................................................±25V
TOUT (Except MAX220) (Note 2) ......................................±15V
TOUT (MAX220)..............................................................±13.2V
Output Voltages
TOUT..................................................................................±15V
ROUT........................................................-0.3V to (VCC + 0.3V)
Driver/Receiver Output Short Circuited to GND.........Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)..842mW
18-Pin Plastic DIP (derate 11.11mW/°C above +70°C)..889mW
20-Pin Plastic DIP (derate 8.00mW/°C above +70°C) ..440mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ...696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C)......762mW
18-Pin Wide SO (derate 9.52mW/°C above +70°C)......762mW
20-Pin Wide SO (derate 10.00mW/°C above +70°C)....800mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ..........640mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C).....800mW
18-Pin CERDIP (derate 10.53mW/°C above +70°C).....842mW
Operating Temperature Ranges
MAX2_ _AC_ _, MAX2_ _C_ _ .............................0°C to +70°C
MAX2_ _AE_ _, MAX2_ _E_ _ ..........................-40°C to +85°C
MAX2_ _AM_ _, MAX2_ _M_ _ .......................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
20 PDIP (P20M+1) .......................................................+225°C
All other lead(Pb)-free packages.................................+260°C
All other packages containing lead(Pb) ......................+240°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RS-232 TRANSMITTERS
Output Voltage Swing
All transmitter outputs loaded with 3k
to GND
±5
±8
V
Input Logic-Low Voltage
1.4
0.8
V
All devices except MAX220
2
1.4
Input Logic-High Voltage
MAX220: VCC = +5.0V
2.4
V
All except MAX220, normal operation
5
40
Logic Pullup/lnput Current
VSHDN = 0V, MAX222/MAX242, shutdown,
MAX220
±0.01
±1
μA
VCC = +5.5V, VSHDN = 0V, VOUT = ±15V,
MAX222/MAX242
±0.01
±10
VOUT = ±15V
±0.01
±10
Output Leakage Current
VCC = VSHDN = 0V
MAX220, VOUT = ±12V
±25
μA
Data Rate
200
116
kbps
Transmitter Output Resistance
VCC = V+ = V- = 0V, VOUT = ±2V
300
10M
VOUT = 0V
±7
±22
Output Short-Circuit Current
VOUT = 0V
MAX220
±60
mA
RS-232 RECEIVERS
±30
RS-232 Input Voltage Operating Range
MAX220
±25
V
All except MAX243 R2IN
0.8
1.3
RS-232 Input Threshold Low
VCC = +5V
MAX243 R2IN (Note 4)
-3
V
All except MAX243 R2IN
1.8
2.4
RS-232 Input Threshold High
VCC = +5V
MAX243 R2IN (Note 4)
-0.5
-0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com