Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX207ENG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX207ENG
Description  5V, RS-232 Transceivers with 0.1關F External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX207ENG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX207ENG Datasheet HTML 1Page - Maxim Integrated Products MAX207ENG Datasheet HTML 2Page - Maxim Integrated Products MAX207ENG Datasheet HTML 3Page - Maxim Integrated Products MAX207ENG Datasheet HTML 4Page - Maxim Integrated Products MAX207ENG Datasheet HTML 5Page - Maxim Integrated Products MAX207ENG Datasheet HTML 6Page - Maxim Integrated Products MAX207ENG Datasheet HTML 7Page - Maxim Integrated Products MAX207ENG Datasheet HTML 8Page - Maxim Integrated Products MAX207ENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
2
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC..........................................................................-0.3V to +6V
V+.............................................................. (VCC - 0.3V) to +14V
V- ...........................................................................+0.3V to -14V
Input Voltages
TIN ......................................................... -0.3V to (VCC + 0.3V)
RIN................................................................................... Q30V
Output Voltages
TOUT.................................................(V+ + 0.3V) to (V- - 0.3V)
ROUT ..................................................... -0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT.......................................................................Continuous
Continuous Power Dissipation (TA = +70NC)
14-Pin Plastic DIP (derate 10.00mW/NC above +70NC)...800mW
16-Pin Plastic DIP (derate 10.53mW/NC above +70NC)...842mW
16-Pin SO (derate 8.70mW/NC above +70NC) .............696mW
16-Pin Wide SO (derate 9.52mW/NC above +70NC)....762mW
16-Pin CERDIP (derate 10.00mW/NC above +70NC) ...800mW
20-Pin Plastic DIP (derate 11.11mW/NC above +70NC)...889mW
20-Pin Wide SO (derate 10.00mW/NC above +70NC)..800mW
20-Pin CERDIP (derate 11.11mW/NC above +70NC) ...889mW
24-Pin Narrow Plastic DIP
(derate 13.33mW/NC above +70NC) .......................1067mW
24-Pin Wide Plastic DIP
(derate 9.09mW/NC above +70NC) ...........................727mW
24-Pin Wide SO (derate 11.76mW/NC above +70NC)..941mW
24-Pin SSOP (derate 8.00mW/NC above +70NC).........640mW
24-Pin CERDIP (derate 12.50mW/NC above +70NC) .1000mW
28-Pin Wide SO (derate 12.50mW/NC above +70NC) 1000mW
28-Pin SSOP (derate 9.52mW/NC above +70NC).........762mW
Operating Temperature Ranges
MAX2_ _C_ _...................................................... 0NC to +70NC
MAX2_ _E_ _ ................................................... -40NC to +85NC
MAX2_ _ M_ _ ............................................... -55NC to +125NC
Storage Temperature Range............................ -65NC to +160NC
Lead Temperature (soldering, 10s) (Note 1) ..................+300NC
Note 1: Maximum reflow temperature for the MAX203 and MAX205 is +225°C.
ELECTRICAL CHARACTERISTICS
(MAX202/MAX204/MAX206/MAX208/MAX211/MAX213: VCC = +5V Q10%; MAX200/MAX203/MAX205/MAX207: VCC = +5V Q5%,
C1–C4 = 0.1FF; MAX201/MAX209: VCC = +5V Q10%, V+ = +9.0V to +13.2V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output-Voltage Swing
All transmitter outputs loaded with 3kI to ground
Q
5
Q
8
V
VCC Power-Supply
Current
No load, TA = +25NC
MAX202, MAX203
8
15
mA
MAX200, MAX204–MAX208, MAX211,
MAX213
11
20
MAX201, MAX209
0.4
1
V+ Power-Supply Current
No load
MAX201
5
10
mA
MAX209
7
15
Shutdown Supply Current
Figure 1, TA = +25NC
MAX200, MAX205, MAX206, MAX211
1
10
F
A
MAX213
15
50
Input Logic Threshold
Low
TIN, EN, SHDN, EN, SHDN
0.8
V
Input Logic Threshold
High
TIN
2.0
V
EN, SHDN, EN, SHDN
2.4
Logic Pullup Current
TIN = 0V
15
200
F
A
RS-232 Input-Voltage
Operating Range
-30
+30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com