Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPLDIM3 Datasheet(PDF) 21 Page - International Rectifier

Part # IRPLDIM3
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM3 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRPLDIM3 Datasheet HTML 17Page - International Rectifier IRPLDIM3 Datasheet HTML 18Page - International Rectifier IRPLDIM3 Datasheet HTML 19Page - International Rectifier IRPLDIM3 Datasheet HTML 20Page - International Rectifier IRPLDIM3 Datasheet HTML 21Page - International Rectifier IRPLDIM3 Datasheet HTML 22Page - International Rectifier IRPLDIM3 Datasheet HTML 23Page - International Rectifier IRPLDIM3 Datasheet HTML 24Page - International Rectifier IRPLDIM3 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.irf.com
- 21 -
The inductance must be sufficiently large to allow the PFC controller IC1 to maintain stable
operation when the line input at maximum and the dimming level is at minimum. Under these conditions
the COMP voltage at pin 2 will be very low and the PWM on time will be very short. If the inductor value
is too small the on time will become too small for the control IC to be able to maintain a stable DC bus.
The result of an unstable DC bus is a slight but visible flicker seen when the lamp is dimmed.
Such instability is usually caused by instability of the power factor correction section rather than the lamp
current regulation loop incorporated within the IRS2158D (IC2).
The trade off is that if the value of LPFC is too high the bus voltage will start to drop at low line
input and maximum load since the COMP pin voltage has reached maximum and therefore the maximum
on time limit has been reached. The lamp current control loop is however able to lower the ballast
frequency in order to compensate for this to some degree if necessary.
PCB Layout Considerations
In order to successfully utilize the IRS2158D in a ballast design, it is necessary to follow the
following PCB layout guidelines. This can avoid possible interference and ground loop issues that can
occur in the ballast circuit. These connection techniques also prevent high current ground loops from
interfering with sensitive timing component operation, and allows the entire control circuit to reject
common-mode noise due to output switching.
Figure 14 and Figure 15 show the control section of a typical ballast designed around the
IRS2158D, where the IC is located in the center. In this design all SMD devices are mounted under the
PCB with discrete devices on top.
Fig 14. Critical traces on the bottom side of the PCB
Fig 15. Critical traces on the top side of the PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com