Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA03N60C3. Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SPA03N60C3.
Description  New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA03N60C3. Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SPA03N60C3. Datasheet HTML 6Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 7Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 8Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 9Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 10Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 11Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 12Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 13Page - Infineon Technologies AG SPA03N60C3. Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
200
9-11-26
Rev.
3.
1
Page 1
3
SPP03N60C3
SPA03N60C3
P
G-TO220-3-31/3-111
Fully isolated package (2500VAC; 1 minute)
200
7-08-10
Rev. 2.
9
Page 1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com