Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T18 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T18
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T18 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T18 Datasheet HTML 17Page - STMicroelectronics M48T18 Datasheet HTML 18Page - STMicroelectronics M48T18 Datasheet HTML 19Page - STMicroelectronics M48T18 Datasheet HTML 20Page - STMicroelectronics M48T18 Datasheet HTML 21Page - STMicroelectronics M48T18 Datasheet HTML 22Page - STMicroelectronics M48T18 Datasheet HTML 23Page - STMicroelectronics M48T18 Datasheet HTML 24Page - STMicroelectronics M48T18 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
M48T08, M48T08Y, M48T18
DC and AC parameters
Doc ID 2411 Rev 10
21/31
Table 9.
DC characteristics
Figure 12.
Power down/up mode AC waveforms
Note:
Inputs may or may not be recognized at this time. Caution should be taken to keep E1 high
or E2 low as VCC rises past VPFD (min). Some systems may perform inadvertent WRITE
cycles after VCC rises above VPFD (min) but before normal system operations begin. Even
though a power on reset is being applied to the processor, a reset condition may not occur
until after the system clock is running.
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.75 to 5.5 V or 4.5 to 5.5 V (except where noted).
M48T08/M48T18/T08Y
Unit
Min
Max
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
ICC
Supply current
Outputs open
80
mA
ICC1
(3)
3.
Measured with control bits set as follows: R = '1'; W, ST, FT = '0.'
Supply current (standby) TTL
E1 = VIH, E2 = VIL
3mA
ICC2
(3)
Supply current (standby) CMOS
E1 = VCC – 0.2V,
E2 = VSS + 0.2V
3mA
VIL
Input low voltage
–0.3
0.8
V
VIH
Input high voltage
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
V
Output low voltage (INT)(4)
4.
The INT pin is open drain.
IOL = 0.5 mA
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
V
AI00566
VCC
INPUTS
INT
(PER CONTROL INPUT)
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tPFX
tR
tPFH
trec
tPD
tRB
tDR
VALID
VALID
NOTE
(PER CONTROL INPUT)
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com