Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3G/AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95512-D-RMB3G/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3G/AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95512-D-RMB3G/AB Datasheet HTML 2Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 3Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 4Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 5Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 6Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 7Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 8Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 9Page - STMicroelectronics M95512-D-RMB3G/AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Description
M95512-W, M95512-R
6/48
Doc ID 11124 Rev 13
1
Description
The M95512-W, M95512-R and M95512-DR are electrically erasable programmable
memory (EEPROM) devices accessed by a high-speed SPI-compatible bus. In the rest of
the document these devices are referred to as M95512, unless otherwise specified.
The M95512-DR also offers an additional page, named the Identification Page (128 bytes)
which can be written and (later) permanently locked in Read-only mode. This Identification
Page offers flexibility in the application board production line, as it can be used to store
unique identification parameters and/or parameters specific to the production line.
Figure 1.
Logic diagram
The memory array is organized as 65536 × 8 bit. The device is accessed by a simple serial
interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 1 and
Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com