Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM704TDS6F Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM704TDS6F
Description  3 V supervisor with battery switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM704TDS6F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM704TDS6F Datasheet HTML 28Page - STMicroelectronics STM704TDS6F Datasheet HTML 29Page - STMicroelectronics STM704TDS6F Datasheet HTML 30Page - STMicroelectronics STM704TDS6F Datasheet HTML 31Page - STMicroelectronics STM704TDS6F Datasheet HTML 32Page - STMicroelectronics STM704TDS6F Datasheet HTML 33Page - STMicroelectronics STM704TDS6F Datasheet HTML 34Page - STMicroelectronics STM704TDS6F Datasheet HTML 35Page - STMicroelectronics STM704TDS6F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DC and AC parameters
STM690, STM704, STM795, STM802, STM804, STM805, STM806
32/42
Doc ID 10519 Rev 9
Figure 36.
MR timing waveform
1.
RST for STM805.
Figure 37.
Watchdog timing
AI07837a
RST
(1)
MR
tMLRL
trec
tMLMH
AI07891
RST
WDI
VCC
trec
tWD
Table 7.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC,
VBAT
(2)
Operating voltage
TA = –40 to +85 °C
1.1(3)
5.5
V
ICC
VCC supply current
Excluding IOUT (VCC < 5.5 V)
40
60
µA
Excluding IOUT (VCC < 3.6 V)
35
50
µA
VCC supply current in battery
backup mode
Excluding IOUT (VBAT = 2.3 V,
VCC = 2.0 V, MR = VCC)
25
35
µA
IBAT
(4)
VBAT supply current in battery
backup mode
Excluding IOUT (VBAT = 3.6 V)
0.4
1.0
µA
VOUT1
VOUT voltage (active)
IOUT1 = 5 mA
(5)
VCC –
0.03
VCC –
0.015
V
IOUT1 = 75 mA
VCC –
0.3
VCC –
0.15
V
IOUT1 = 250 µA, VCC > 2.5 V
(5)
VCC –
0.0015
VCC –
0.0006
V
VOUT2
VOUT voltage (battery backup)
IOUT2 = 250 µA, VBAT = 2.3 V
VBAT –
0.1
VBAT –
0.034
V
IOUT2 = 1 mA, VBAT = 2.3 V
VBAT –
0.14
V
VCC to VOUT on-resistance
3
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com